PART |
Description |
Maker |
GIB2401 GIB2403 GIB2404 GIB2402 |
Dual Common-Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
U30DCT-E3_4W UB30DCT-E3_4W UB30DCT-E3_8W U30DCT-E3 |
Dual Common-Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
GI2402 |
(GI2401 - GI2404) Dual Common-Cathode Ultrafast Plastic Rectifier
|
Vishay Siliconix
|
BYV34300M BYV34-500M BYV34-300M BYV34-400M BYV34-3 |
400V, 2x10A Dual Fast Recovery common cathode Rectifier diode 300V, 2x10A Dual Fast Recovery common cathode Rectifier diode HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS 5.0 AMP POSITIVE VOLTAGE REGULATOR 500V, 2x10A Dual Fast Recovery common cathode Rectifier diode
|
SemeLAB SEME-LAB[Seme LAB]
|
CMPSH05-4C |
SMD Schottky Diode Dual: Common Cathode SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
MURD620CTTR MURD620CT MURD620CTTRL MURD620CTTRR |
200V 6A HEXFRED Common Cathode Diode in a D-Pak package Ultrafast Rectifier
|
IRF[International Rectifier]
|
MURB1020CT-1 MUR1020CT MURB1020CT |
200V 10A HEXFRED Common Cathode Diode in a TO-220AB package Ultrafast Rectifier
|
IRF[International Rectifier]
|
16CTU04 16CTU04-1 16CTU04S |
RG316 COAX CABLE SMA M TO SMA M - 25 FT RG316 COAX CABLE SMA M TO SMA M - 2 FT Ultrafast Rectifier 400V 16A Ultra-Fast Common Cathode Diode in a TO-262 package 400V 16A Ultra-Fast Common Cathode Diode in a D2-Pak (UltraFast) package
|
International Rectifier
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
CZR1-04C10 CZR1-04C-15 |
SURFACE MOUNT DUAL, COMMON CATHODE HIGH VOLTAGE SILICON RECTIFIERS SURFACE MOUNT DUAL, COMMON CATHODE SILICON RECTIFIERS
|
Central Semiconductor Corp Central Semiconductor C...
|